|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SavantIC Semiconductor Product Specification Silicon NPN Power Transistors 2SC2738 DESCRIPTION *With TO-220C package *High speed switching *High VCBO *Low saturation voltage APPLICATIONS *For high speed switching applications PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION ABSOLUTE MAXIMUM RATINGS(Ta=25 ) SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 2 4 0.5 25 150 -55~150 UNIT V V V A A A W SavantIC Semiconductor Product Specification Silicon NPN Power Transistors CHARACTERISTICS Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=0.2A ;L=25mH IC=1A; IB=0.2A IC=1A; IB=0.2A VCB=500V; IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=5V IC=1A ; VCE=5V IC=0.2 A ; VCE=10V 15 8 MIN 400 2SC2738 SYMBOL VCEO(SUS) VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 fT TYP. MAX UNIT V 1.0 1.5 100 100 V V A A 11 MHz Switching times ton ts tf Turn-on time Storage time Fall time VCC=100V ,IC=1A, IB1=-IB2=0.2A 1.0 3.0 1.0 s s s 2 SavantIC Semiconductor Product Specification Silicon NPN Power Transistors PACKAGE OUTLINE 2SC2738 Fig.2 Outline dimensions (unindicated tolerance:0.10mm) 3 |
Price & Availability of 2SC2738 |